Part Number Hot Search : 
2DL32 EL333HD SC110305 IB1212S 3006A 2SD88 04300 16FR60M
Product Description
Full Text Search
 

To Download LC0402FC05C-LF-T75-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05139.r8 2/11 page 1 05139 lc0402fc3.3c - lc0402fc36c 200w low capacitance flip c h ip t vs arra y d e s cription the lc0402fcxxc series flip chips employ advanced silicon p/n juncton technology for unmatched board-level transient voltage protecton against electrostatc dis - charge (esd) and electrical fast transients (eft). developed specifcally for high-density circuit protecton, this series meets the iec 61000-4-2 and 61000-4-4 require - ments. these devices are ideally suited for handheld devices, pcmcia and smart cards. this low capacitance series provides esd protecton greater than 25 kilovolts with a peak pulse power dissipaton of 200 wats per line for an 8/20s waveform. in ad - diton, the lc0402fcxxc series features superior clamping performance, low leakage current characteristcs and a response tme of less than a nanosecond. their low inductance virtually eliminates overshoot voltage due to package inductance. f eat u re s ? iec compatbility iec 61000-4-2 (esd): air 15kv, contact 8kv ? iec compatbility iec 61000-4-4 (eft): 40a, 5/50ns ? esd protecton > 25 kilovolts ? available in voltages ranging from 3.3v to 36v ? 200 wats peak pulse power per line (tp = 8/20s) ? bidirectonal and monolithic structure ? low clamping voltage ? low capacitance ? low leakage current ? protecton for 1 line ? rohs compliant ? reach compliant m ec h anical c h aracteri s tic s ? standard eia chip size: 0402 ? approximate weight: 0.73 milligrams ? lead-free platng ? solder refow temperature: ? lead-free - sn/ag/cu, 96/3.5/0.5: 260-270c ? flammability ratng ul 94v-0 ? 8mm tape per eia standard 481 ? top contacts: solder bump 0.004 in height (nominal) application s ? smart phones ? portable electronics ? smart cards pin config u ration
only one name means protektion? www.protekdevices.com 05139.r8 2/11 page 2 05139 lc0402fc3.3c - lc0402fc36c t y pical de v ice c h aracteri s tic s maxim u m rating s @ 25c u nless otherwise specifed parameter sy mbol v al u e u nit s peak pulse power (tp = 8/20s) - see figure 1 p pp 200 wats operatng temperature t a -55 to 150 c storage temperature t stg -55 to 150 c electrical c h aracteri s tic s per line @ 25c u nless otherwise specifed part n u mber (note 1) rated s tand-off v oltage v wm v olt s minim u m breakdown v oltage @ 1 m a v (br) v olt s maxim u m clamping v oltage (fig. 2) @ i p = 1a v c v olt s maxim u m clamping v oltage (fig. 2) @ 8/20 s v c @ i pp maxim u m leakage c u rrent (note 2) @ v wm i d a t y pical capacitance @0 v , 1m h z c p f lc0402fc3.3c 3.3 4.0 7.0 12.5v @ 16a 75* 70 lc0402fc05c 5.9 6.0 11.0 13.0v @ 15a 10** 35 lc0402fc08c 8.0 8.5 13.2 18.0v @ 11a 1 32 lc0402fc12c 12.0 13.3 19.8 26.9v @ 7.4a 1 30 lc0402fc15c 15.0 16.7 25.4 34.5v @ 5.8a 1 25 lc0402fc24c 24.0 26.7 37.2 50.6v @ 4a 1 20 lc0402fc36c 36.0 40.0 70.0 80.0v @ 2.5a 1 18 note s 1. all devices are bidirectonal. electrical characteristcs apply in both directons. 2. *maximum leakage current < 5a @ 2.8v. **maximum leakage current < 500na @ 3.3v.
only one name means protektion? www.protekdevices.com 05139.r8 2/11 page 3 05139 lc0402fc3.3c - lc0402fc36c t y pical de v ice c h aracteri s tic s fig u re 1 peak p u l s e power vs p u l s e time t d - pulse duraton - s 200w, 8/20s waveform 0.1 1 10 100 1,000 10,000 p pp - peak pulse power - wats 10 100 1,000 10,000 peak pulse power 8/20s average power fig u re 3 power derating c u r v e t a - ambient temperature - c 0 25 50 75 100 125 150 0 20 40 60 80 100 % of rated power test waveform parameters t f = 8s t d = 20s t f e -t peak value i pp t d = t/(i pp /2) fig u re 2 p u l s e wa v e form t - time - s 0 5 10 15 20 25 30 i pp - peak pulse current - % of i pp 0 20 40 60 80 100 120
only one name means protektion? www.protekdevices.com 05139.r8 2/11 page 4 05139 lc0402fc3.3c - lc0402fc36c t y pical de v ice c h aracteri s tic s fig u re 4 o v er sh oot & clamping v oltage for lc0402 fc 05 c e s d test pulse - 25 kilovolt, 1/30ns (waveshape) 5 v olts per division -5 5 15 25 35 fig u re 5 t y pical clamping v oltage vs peak p u l s e c u rrent lc0402 fc 05 c i pp - peak pulse current - amps 0 5 10 15 20 0 4 8 12 v c - clamping v oltage - v olts
only one name means protektion? www.protekdevices.com 05139.r8 2/11 page 5 05139 lc0402fc3.3c - lc0402fc36c s pice model fig u re 1 s pice model for i/o gnd abd abd table 1 - s pice parameter s parameter u nit abd ( t vs) bv v see table 2 ibv a 1 c jo pf see table 2 i s a see table 2 vj v 0.6 m - 0.33 n - 1 r s - see table 2 tt s 1e-8 eg ev 1.11 table 2 - abd s pecific s pice parameter s part n u mber b v (v olt s) c jo ( p f) i s ( amp s) r s ( o h m s) lc0402fc3.3c 4.0 70 1e-11 0.20 lc0402fc05c 6.0 35 1e-11 0.16 lc0402fc08c 8.5 32 1e-13 0.33 lc0402fc12c 13.3 30 1e-13 0.51 lc0402fc15c 16.7 25 1e-13 0.53 lc0402fc24c 26.7 20 1e-13 0.63 lc0402fc36c 40.2 18 1e-13 0.73 abd - avalanche breakdown diode (tvs)
only one name means protektion? www.protekdevices.com 05139.r8 2/11 page 6 05139 lc0402fc3.3c - lc0402fc36c s older reflow information printed circ u it board recommendation s parameter v al u e pad size on pcb 0.275mm pad shape round pad defniton non-solder mask defned pads solder mask opening 0.325mm round solder stencil thickness 0.150mm solder stencil aperture opening (laser cut, 5% tapered walls) 0.330mm round solder paste type no clean pad protectve finish osp (entek cu plus 106a) tolerance - edge to corner ball 50m solder ball side coplanarity 20m maximum dwell time above liquidous (183c) 60 seconds soldering maximum temperature 270c t p 30-60 seconds ramp-up 15 seconds (minimize) s older-time 15-20 seconds ramp-down ramp-down solder melt (maximum temp) maximum s older refow (35-53c above maximum s older melt temp) ramp-up preheat (s tay below flux actvaton temp) temperature - c recommended non -s older ma s k defined pad ill us tration non-s older mask defned pad 0.275mm dia. solder mask opening 0.325mm dia. solder s tencil opening 0.330mm dia. r e qu irement s temperature: t p for lead-free (sn/ag/cu): 260-270c t p for tin-lead: 240-245c preheat tme and temperature depends on solder paste and fux actva - ton temperature, component size, weight, surface area and platng.
only one name means protektion? www.protekdevices.com 05139.r8 2/11 page 7 05139 lc0402fc3.3c - lc0402fc36c 0402 package information o u tline dimen s ion s dim millimeter s inc h e s min max min max a 0.46 0.018 b 0.86 0.034 c 0.98 1.02 0.038 0.040 d 0.10 0.004 e 0.35 0.014 f 0.458 0.508 0.018 0.020 g 0.20 0.008 h 0.076 0.127 0.003 0.005 i 0.406 0.016 n ote s 1. controlling dimensions in inches. 2. decimal tolerance: .xxx 0.05mm (0.002). 3. maximum chip size: 1.02mm (0.040) by 0.51mm (0.020). la y o u t dimen s ion s dim millimeter s inc h e s nominal nominal a 0.23 0.009 b 0.48 0.019 c 0.69 0.027 d 0.46 0.018 e 0.99 0.039 f 0.20 0.008 g 0.20 0.008 h 0.66 0.026 i 0.13 0.005 n ote s 1. controlling dimensions in inches. 2. decimal tolerance: .xxx 0.05mm (0.002). die c b a d h f e g solder bump solder p ad solder print diameter 0.010 - 0.012 t op a b c d e f h end i side g i
only one name means protektion? www.protekdevices.com 05139.r8 2/11 page 8 05139 lc0402fc3.3c - lc0402fc36c tape and reel information 10 pitches cumulatve tolerance on tape 0.2 w f b0 e p2 p0 d p a0 k0 t user directon of feed top cover tape s pecification s r eel d ia . t ape w idt h a0 b0 k0 d e f w p0 p2 p t max 178(7) 8 0.70 0.05 1.15 0.10 0.56 0.05 1.55 0.05 1.75 0.10 3.50 0.05 8.00 0.20 4.00 0.05 2.00 0.05 2.00 0.05 0.25 n ote s 1. dimensions in millimeters. 2. top view of tape. metal contacts are face down in tape package. 3. orientaton: preferred stencil - 0.1mm (0.004). 4. surface mount product is taped and reeled in accordance with eia 481. 5. 8mm plastc tape: 7 reels - 5,000 (pocket under hole skipped) or 10,000 pieces per reel. 6. marking on reel - part number, date code and lot number. tape & reel orientation single die - 0402 package outline, pad layout and tape specifcatons per document number 06001.r5 8/10. ordering information ba s e part n u mber ( xx = v oltage ) leadfree su ffix tape su ffix q t y /reel reel s ize t u be q t y lc0402fcxxc -lf -t75-1 5,000 7 n/a lc0402fcxxc -lf -t710-1 10,000 7 n/a
only one name means protektion? www.protekdevices.com 05139.r8 2/11 page 9 05139 lc0402fc3.3c - lc0402fc36c compan y information compan y profile protek devices, based in tempe, arizona usa, is a manufacturer of transient voltage suppression (tvs) products designed specifcally for the protecton of electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulse (nemp), in - ductve switching and emi/rfi. with over 25 years of engineering and manufacturing experience, protek designs tvs devices that provide applicaton specifc protecton solutons for all electronic equipment/systems. protek devices analog products division, also manufactures analog interface, control, rf and power management products. copyright ? protek devices 2000 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. patent information: this device is patented under u.s. patent no. des. d456,367s. contact us corporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by telephone general: 602-431-8101 sales: 602-414-5109 customer service: 602-414-5114 by fax general: 602-431-2288 by e-mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com web www.protekdevices.com www.protekanalog.com


▲Up To Search▲   

 
Price & Availability of LC0402FC05C-LF-T75-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X